Part Number Hot Search : 
NCE0208I S0104 MODEL 2N6502 TC8600 CLL4701 SB1B0S CLL4701
Product Description
Full Text Search
 

To Download SA-1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Intel(R) StrongARM(R) SA-1100 Microprocessor for Embedded Applications
Brief Datasheet
Product Features
The Intel(R) StrongARM(R) SA-1100 Microprocessor (SA-1100) is a device targeted to provide high-performance computing to embedded applications but at consumer electronics pricing with MIPS-per-dollar and MIPS-perwatt advantages. The SA-1100 incorporates a 32-bit StrongARM(R) RISC processor running at 160/220 MHz with a large instruction and data cache, memory-management unit (MMU), and read/write buffers running at 160/220 MHz. In addition, the SA-1100 provides system support logic, multiple serial communication channels, a color/gray scale LCD controller, PCMCIA support for up to two sockets, and general-purpose I/O ports.
s
High performance --180 Dhrystone 2.1 MIPS @ 160 MHz --250 Dhrystone 2.1 MIPS @ 220 MHz Low power (normal mode) --<430 mW @2.0 V/160 MHz --<550 mW @2.0 V/220 MHz Integrated clock generation --Internal phase-locked loop (PLL) --3.686-MHz oscillator --32.768-kHz oscillator Big and little endian operating modes 3.3-V I/O interface 208-pin thin quad flat pack (LQFP)
s
256 mini-ball grid array (mBGA)
s
s
32-way set-associative caches -- 16 Kbyte instruction cache -- 8 Kbyte write-back data cache 32-entry MMUs -- Maps 4 Kbyte, 8 Kbyte, or 1 Mbyte
s
s
s
s
Write buffer -- 8-entry, between 1 and 16 bytes each Read buffer -- 4-entry, 1, 4, or 8 words Memory bus -- Interfaces to ROM, Flash, SRAM, and DRAM -- Supports two PCMCIA sockets
s
s
s
s
Power
dissipation, particularly in idle mode, is strongly dependent on the details of the system design
Order Number: 278092-005 June 1999
Information in this document is provided in connection with Intel products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Intel's Terms and Conditions of Sale for such products, Intel assumes no liability whatsoever, and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. Intel products are not intended for use in medical, life saving, or life sustaining applications. Intel may make changes to specifications and product descriptions at any time, without notice. Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order. Copies of documents which have an ordering number and are referenced in this document, or other Intel literature may be obtained by calling 1-800548-4725 or by visiting Intel's website at http://www.intel.com. Copyright (c) Intel Corporation, 1999 *Third-party brands and names are the property of their respective owners. ARM and the ARM Powered logo are trademarks and StrongARM is a registered trademark of ARM Limited.
2
SA-1100 Brief Datasheet
SA-1100
Description
The SA-1100 is a general-purpose, 32-bit RISC microprocessor with a 16 Kbyte instruction cache (Icache), an 8 Kbyte write-back data cache (Dcache), a minicache, a write buffer, a read buffer, an MMU, an LCD controller, and serial I/O combined in a single chip. The SA-1100 delivers in price/performance and power/performance while supporting a full range of operating systems, making the SA-1100 a choice for many embedded applications.
SA-1100 CPU
The SA-1100 CPU implements the ARMTM V4 architecture as defined in the ARM Architecture Reference Manual. Architectural enhancements beyond the ARM V4 are implemented through use of coprocessor 15. Control register reads and writes to coprocessor 15 provide access to MMU, cache, and write and read buffer control registers. The SA-1100 MMUs provide separate 32-entry translation lookaside buffers (TLBs) for the instruction and data streams. Each of the 32 entries may map segments, large pages, or small pages in memory. The SA-1100 contains 16 Kbyte of instruction cache and 8 Kbyte of data cache. In addition to this, a minicache is provided to prevent periodic large data transfers from thrashing the main data cache. The data and instruction caches are implemented as 32-byte blocks, and provide 32-way associativity, with victim replacement performed in a round-robin fashion. The minicache is 16 entries and is 2-way set associative, implementing the least-recently-used (LRU) algorithm for victim replacement. The SA-1100 also provides a write buffer and a read buffer. The read buffer allows critical data to be prefetched under software control, preventing pipeline stalls from occurring during external memory reads. The write buffer provides additional system efficiency by buffering between the CPU clock frequency and the actual bus speed when data is being written by the CPU to external memory. The write buffer is eight entries, and allows each entry to contain between 1 and 16 bytes. The read buffer is four entries, and allows each entry to contain 1, 4, or 8 words.
SA-1100 System Control Functions
The SA-1100 provides timers, sophisticated power-management functions, interrupt control, reset control, and onchip oscillators and PLLs for clock generation. There are 28 general-purpose I/Os, which can, in addition to being directly read or written by the CPU, be programmed to generate an interrupt. The real-time clock and trim logic run off the 32.768-kHz crystal and provide accuracy of 5 seconds/month. The 32-bit OS timer runs off the 3.686-MHz oscillator and is used in companion with the four 32-bit timer match registers. One of the four match registers is used specifically as a watchdog timer interrupt, preventing system lockout from occurring when software or hardware is trapped in a loop state with no controlled exit. The remaining three registers are available for use as interval timers or other user-defined purposes. The interrupt controller routes all interrupt sources to either an FIQ or IRQ request to the CPU. IRQ is a lower priority interrupt and may be interrupted by FIQ. FIQ is unique to the ARM architecture and allows fast servicing to occur on specific interrupt sources, as determined by the
SA-1100 Brief Datasheet
3
SA-1100
user. There are two levels in servicing interrupts. The first level alerts the user or operating system to what specific module on the SA-1100 experienced an interrupt condition. The second level provides information on what event within the specific module caused an interrupt to be flagged. The reset controller manages the various reset sources within the SA-1100 and provides the ability to invoke a software reset. In addition, the reset controller tracks the cause of the last known reset, whether a hard reset, soft reset, watchdog timer expiration, or sleep mode reset. The SA-1100 provides 28 general-purpose I/O pins, which may be programmed to generate interrupts on rising, falling, or both edges. The user is given the option of utilizing a subset of the GPIO pins to support extra functionality in either the serial channels or the LCD controller but may choose to use some, all, or none of the added functionality.
SA-1100 Memory Control Module
The SA-1100 contains a flexible memory controller that can access DRAM, EDO DRAM, SRAM, Flash, and ROM. The SA-1100 memory map supports up to four banks of DRAM; each bank provides 128 Mbytes of addressable space allowing both currently available and future memory densities to be supported. The DRAM controller supports CBR as well as self-refresh DRAM. Burst reads occur in 1, 2, 3, 4, or 8 words (beats) as determined by the data destination within the SA-1100 (cache line fill, read buffer, or DMA). Burst writes occur in 1, 2, 3, 4, or 8 words, depending on the final destination of the data outside the SA-1100 (write buffer, DMA). When a castout is occurring from cache, the SA-1100 will perform an 8-word write for a full 32 bytes. Included in the SA-1100 memory controller is support for up to two slots of PCMCIA. The implementation shares address and data pins with the memory controller. Access speeds to PCMCIA memory and I/O are user-programmable. Some external buffering is required for this interface.
SA-1100 Peripheral Control Module
The SA-1100 contains a six-channel DMA controller to support the high-speed data movement inherent in serial communications. Note that the LCD controller contains its own independent DMA channels, and that the six DMA channels are available for use by the other peripheral I/O functions. The DMA controller is dedicated to data movement between the serial channels and external memory, whether DRAM, SRAM, Flash, or ROM. The LCD controller on the SA-1100 supports up to 256 colors and 16 gray-scale levels, on a single or split-screen display with resolution up to 1024 X 1024. The LCD controller is implemented using a patented dithering algorithm controlling the intensity of the information displayed. In the case of color, the dithering algorithm controls which 256 of the 4096 available colors are displayed during any given frame. Frame buffer data is used by the LCD controller as an address value, which is then decoded as an index into a 256-entry by 12-bit wide palette RAM. If 12-bit data is required, the palette RAM may be bypassed and frame buffer data passes directly to the dither logic. If 16-bit data is required, both the palette RAM and the dither logic are bypassed, and data is sent directly to the LCD controller pins. The LCD controller supports both TFT and STN panels. Serial port 0 on the SA-1100 implements the universal serial bus (USB) slave protocol, supporting three endpoints operating at 12 Mbps, half duplex.
4
SA-1100 Brief Datasheet
SA-1100
Serial port 1 on the SA-1100 implements either the synchronous data link controller (SDLC) or universal asynchronous receiver-transmitter (UART), both at baud rates up to 230 Kbps. If both SDLC and UART are required in a given system, two GPIO pins can be configured to perform the UART RX/TX functionality, leaving the TX_2/RX_2 pins free for SDLC. Serial port 2 on the SA-1100 provides logic to support infrared data (IrDA) at either 115 Kbps or 4 Mbps. The low-speed IrDA utilizes the HP-SIR* standard, and the high-speed IrDA implements the 4 PPM standard. Serial port 3 on the SA-1100 is a UART channel operating from 56.24 bps to 230 Kbps. Modem control signals may be implemented via the GPIO pins if required, but for maximum flexibility these signals are not predefined. Serial port 4 on the SA-1100 also implements a multimedia communications port or synchronous serial port (MCP/SSP). These ports are traditionally used for interfacing to specific digital/analog I/O devices such as codecs, keyboards, touchpads, audio and record/playback. If required, the SA-1100 provides the user with an option to support both the MCP as well as SSP by dedicating two GPIO pins to the SSP. The MCP gluelessly interfaces to the Philips UCB1200*, which provides support for both audio and telecom codecs as well as a touchpad interface and 10 general-purpose I/O pins. The SA-1100 contains two pairs of transmit and receive FIFOs to support the telecom and audio data. The SA-1100 also provides two 21-bit data registers, one each for receive and transmit codec data. The SSP logic interfaces to devices that support the National MicroWire* protocol, the Texas Instruments* synchronous serial protocols, as well as a subset of the Motorola SPI* protocol. All of these protocols provide methods to interface to keyboard drivers, serial EPROMs, ADC/DAC, as well as special-purpose devices such as voice record/playback. The SSP functions as a master only, communicating to offchip devices by driving a serial bit-rate clock ranging from 7.2 kHz to 1.8432 MHz, and supports data formats from 4 to 16 bits in length.
SA-1100 Test and Debug Support
The SA-1100 provides debug support via instruction and data breakpoints. These are userprogrammable and are implemented through the coprocessor instructions. In the case of an instruction breakpoint, the user may halt the processor after execution of an instruction at a specific address. The data breakpoint allows a user to halt on a specific data pattern as well as on the reference address to that data pattern. There is a data breakpoint mask register that provides further qualification on specific data. The SA-1100 also provides a JTAG interface, which has been specifically targeted to provide continuity checking for system designs. Supported instructions include EXTEST, SAMPLE/ PRELOAD, CLAMP, BYPASS, HIGH-Z, and IDCODE.
SA-1100 Power Benefits
The SA-1100 continues the StrongARM family legacy of low-power performance. The SA-1100 takes advantage of a 2.0-V nominal process technology and provides a technology solution for tethered products. The I/O ring runs at 3.3 V to allow simple system interconnections. Another key
SA-1100 Brief Datasheet
5
SA-1100
element in the SA-1100 power strategy is the use of independent conditional clocking trees, which ensure that only currently required units are clocked and other units remain static. The SA-1100 may be run at a variety of frequencies, ranging from 39 MHz up to 220 MHz.
SA-1100 Performance Benefits
The SA-1100 provides high-end desktop performance to the consumer market without sacrificing power or price. Applications utilizing the SA-1100 are able to take advantage of technology such as Softmodem*, speech recognition, and text-to-speech without a reduction in user-interface performance. Use of the performance-intensive Softmodem algorithm provides significant savings in overall system cost. When running on the SA-1100, a Softmodem requires less than 30% of the processor bandwidth, ensuring that none of the other SA-1100 functions, including LCD display and serial channel operation, experience a degradation in performance. Another advantage to the performance provided by the SA-1100 becomes apparent with the adoption of interpreted languages. An example of this is demonstrated by comparing the CaffeineMark* performance of the ARM SA-1 core on the SA-1100 to other competing parts in the market.
6
SA-1100 Brief Datasheet
SA-1100
Figure 1. Block Diagram of the SA-1100
Intel(R) StrongARM(R)* SA-1100
ARMTM* SA-1 Core JTAG and Misc Test
Instruction 3.686 MHz 32.768 KHz PLL Icache (16 Kbytes) Dcache (8 Kbytes) Minicache PC
OSC
IMMU DMMU
OSC
Addr
RTC OS Timer GeneralPurpose I/O Interrupt Controller Power Management Reset Controller
Processing Core
Load/Store Data
Write Buffer
Read Buffer Memory and PCMCIA Control Module (MPCM)
System Control Module (SCM)
System Bus
Bridge
DMA Controller
LCD Controller
Peripheral Control Module (PCM)
Peripheral Bus
Serial Channel 0 UjSB
Serial Channel 1 SDLC
Serial Channel 2 IrDA
Serial Channel 3 UART
Serial Channel 4 CODEC
* ARM is a trademark and StrongARM is a registered trademark of ARM Limited.
A6832-01
SA-1100 Brief Datasheet
7
SA-1100
Table 1.
SA-1100 Additional Features Supply USB IrDA SDLC UART Codec LCD Memory Interrupt
2.0 V 12 Mbps 115 Kbps, 4 Mbps 230 Kbps 230 Kbps UCB1100, UCB1200, SPI, TI, Wire 1-, 2-, 4-, 8-, 12-, 16-bits/pixel EDO, DRAM, ROM, Flash, SRAM FIQ, IRQ, Wake-up
Table 2.
SA-1100 Characteristics
Clock Performance Core power supply 160 MHz 180 Dhrystone 2.1 MIPS Vss = 0.0 V dc Vdd = 2.0 V dc 5% Vssx = 0.0 V dc Vddx = 3.3 V dc 10% <430 mW 220 MHz 250 Dhrystone 2.1 MIPS Vss = 0.0 V dc Vdd = 2.0 V dc 5% Vss = 0.0 V dc Vdd = 3.3 V dc 10% <550 mW
I/O power supply Typical power dissipation
Ambient operating temperature Storage temperature Packaging Process technology Transistor count Order number
0C ( 32F) min 70C (158F) max.
0C ( 32F) min 70C (158F) max.
-20C to +125C (-4F to +257F) 208-pin LQFP 256 mBGA .35 m, 3-layer metal 2.5 million DE-S1100-CA (LQFP) DE-S1100-CB (mBGA)
-20C to +125C (-4F to +257F) 208-pin LQFP 256 mBGA .35 m, 3-layer metal 2.5 million DE-S1100-DA (LQFP) DE-S1100-DB (mBGA)
Power dissipation, particularly in idle mode, is strongly dependent on the details of the system design. Package nomenclature as been modified due to industry standardization of packages. LQFP is 1.4 mm thick, thin quad flat pack. Please note that no modification has been made to the package itself
8
SA-1100 Brief Datasheet
Support, Products, and Documentation
If you need general information or support, call 1-800-628-8686 or visit Intel's website at: http://www.intel.com Copies of documents that have an ordering number and are referenced in this document, a product catalog, or other Intel literature may be obtained by calling 1-800-548-4725 or by visiting Intel's website for developers at: http://developer.intel.com


▲Up To Search▲   

 
Price & Availability of SA-1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X